PART |
Description |
Maker |
CSS-1018G |
(CSS-1018G / CSS-1019G) 1.0 Inch Single Digit Display
|
China Semiconductor Corporation
|
C61157-A7-A68 B39122-B1665-U510 |
SAW RF low loss filter Satellite CSS
|
EPCOS
|
B39192-B1660-B510 |
SAW RF low loss filter Satellite CSS
|
EPCOS
|
B39122-B1653-B510 C61157-A7-A72 |
SAW RF low loss filter Satellite CSS
|
EPCOS http://
|
B39172-B1658-B510 |
SAW RF low loss filter Satellite CSS
|
EPCOS
|
B39142-B1655-B510 |
SAW RF low loss filter Satellite CSS
|
EPCOS
|
B39182-B1659-B510 |
SAW RF low loss filter Satellite CSS
|
EPCOS
|
ST72F325J9T6 ST72F325J4T6 |
8-BIT MCU WITH 16 TO 60K FLASH/ROM, ADC, CSS, FIVE TIMERS, SPI, SCI, I2C INTERFACE
|
STMicroelectronics
|
ST72325K4 ST72F325K6T6 ST72F325K6B5 ST72325 ST72F3 |
8-Bit MCU With 16 To 60K Flash/Rom, Adc, Css, Five Timers, Spi, Sci, I2C Interface
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics, Inc.
|
B39212-B1668-U510 |
SAW RF low loss filter Satellite CSS 1 FUNCTIONS, 2040 MHz, SAW FILTER
|
EPCOS EPCOS AG
|
C486FD18 C486FD17 C486FD19 C484CD56 C482FD58 C486F |
8 bit SIPO shift register Bluetooth Class 1 Module 8-bit MCU with single voltage Flash memory, data EEPROM, ADC, 5 timers, SPI Hex bus buffer with 3 state outputs (non inverting) Low-density performance line, ARM-based 32-bit MCU with 16 or 32 KB Flash, USB, CAN, 6 timers, 2 ADCs, 6 communication interfaces LNB SUPPLY AND CONTROL IC WITH STEP-UP CONVERTER AND I2C INTERFACE 电信提供数据通信 Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 communication interfaces 电信提供数据通信 8-bit MCU with 16 to 60K Flash/ROM, ADC, CSS, 5 timers, SPI, SCI, I2C interface 电信提供数据通信 8-bit MCU with single voltage Flash, data EEPROM, ADC, timers, SPI, LINSCI 电信提供数据通信 60W HI-FI DUAL AUDIO DRIVER 电信提供数据通信 ARM7TDMI" 32-bit MCU with Flash, 3x CAN, 4 UARTs, 20 timers, ADC, 12 comm. interfaces 电信提供数据通信 Medium-density access line, ARM-based 32-bit MCU with 64 or 128 KB Flash, 6 timers, ADC and 7 communication interfaces 电信提供数据通信 MONOCHIP TELETEXT AND VPS DECODERWITH 8 INTEGRATED PAGES 电信提供数据通信 STHS4257A, STHS4257A1, STHS4257L, STHS4257L1 电信提供数据通信 Low voltage 16-bit constant current LED sink driver with auto power saving 电信提供数据通信 ARM7TDMI-S™ 32-Bit MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN 电信提供数据通信 Quad bus buffer (3-state) 8-bit MCU, 3.8 to 5.5V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI 8 bit PISO shift register 8-bit microcontroller with 8K Flash/ROM, ADC, 4 timers, SPI, SCI interface 8 channel multiplexer
|
ZETTLER electronics GmbH TE Connectivity, Ltd. SIEMENS AG Yageo, Corp. Glenair, Inc. Silicon Laboratories, Inc. ITT, Corp. Vicor, Corp. C-Media Electronics, Inc. STMicroelectronics N.V. DB Lectro, Inc. Vectron International, Inc. Sumida, Corp.
|
|